Part Number Hot Search : 
F08A40 Q2012NH5 0504A1 1N4744A CTGS104 M1610 BM200 215SH3
Product Description
Full Text Search
 

To Download FR204G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in inches and (millimeters) version: a06 fr201g - fr207g 2.0 amps. glass passivated fast recovery rectifiers do-15 features  glass passivated chip junction.  high efficiency, low vf  high current capability  high reliability  high surge current capability  low power loss mechanical data  cases: molded plastic  epoxy: ul 94v-0 rate flame retardant  lead: pure tin plated, lead free., solderable per mil-std-202, method 208 guaranteed  polarity: color band denotes cathode end  high temperature soldering guaranteed: 260 o c /10 seconds/.375?,(9.5mm) lead lengths at 5 lbs.,(2.3kg) tension  mounting position: any  weight: 0.40 gram maximum ratings and electrical characteristics rating at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capac itive load, derate current by 20% type number symbol fr 201g fr 202g fr 203g fr 204g fr 205g fr 206g fr 207g units maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current .375?(9.5mm) lead length @t a = 55 o c i (av) 2.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 55 a maximum instantaneous forward voltage @ 2.0a v f 1.3 v maximum dc reverse current @ t a =25 o c at rated dc blocking voltage @ t a =125 o c i r 5.0 100 ua ua maximum reverse recovery time ( note 1 ) trr 150 250 500 ns typical junction capacitance ( note 2 ) cj 20 pf typical thermal resistance r ja 60 o c/w operating temperature range t j -65 to +150 o c storage temperature range t stg -65 to +150 o c notes: 1. reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a 2. measured at 1 mhz and applied reverse voltage of 4.0 volts d.c. 3. mount on cu-pad size 10mm x 10mm on p.c.b.
r a ting s an d characteristi c cu r ve s (fr201 g thr u fr207g) fig.4 - typica l junctio n ca p aci t ance p a c n o i t c n u j ) f p ( . e c n a t i c a 5 10 100 50 10 1 1 100 revers e vo l t age . (v) fig.1- maximum forward current derating curve average for ward current amperes 25 0 50 75 100 125 150 175 3.0 2.5 2.0 1.5 1.0 0.5 0 ambient temperature. ( c) o single phase half wave 60hz resistive or inductive load 0.375"(9.5mm) lead length fig.3- maximum non-repetitive peak forward surge current peak for ward surge current . (a) 20 10 0 50 60 40 30 1 1 24 10 68 40 20 60 80 100 number of cycles at 60hz 8.3ms single half sine wave jedec method tj=55 c 0 fig.6- reverse recovery time characteristic and test circuit diagram 50  noninductive  non inductive oscilloscope (note 1) pulse generator (note 2) dut (+) 50vdc (approx) (-) notes: 1. rise time=7ns max. input impedance= 1 megohm 22pf 2. rise time=10ns max. sourse impedance= 50 ohms (-) (+) 10  noninductive -1.0a -0.25a 0 +0.5a trr 1cm set time base for 5/ 10ns/ cm version: a06 fig.5- typical forward characteristics instantaneous for ward current . (a) 1.6 0.4 0.6 0.8 1.0 1.2 1.4 0.1 1.0 10 .01 forward voltage. (v) tj=25 c pulse width=300 s 1% duty cycle o tj=25 c 0 fig.2- typical reverse characteristics per leg 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage. (%) 1000 100 10 1 0.1 tj=125 c 0 tj=25 c 0 instantaneous reverse current .( a) tj=75 c 0


▲Up To Search▲   

 
Price & Availability of FR204G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X